PART |
Description |
Maker |
NDP6020P NDB6020P |
P-Channel Enhancement Mode Field Effect Transistor24A,-20V0.05ΩP沟道增强型MOS场效应管(漏电流-24A, 漏源电压-20V,导通电0.05Ω 24 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB P-Channel Logic Level Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
IRF540_D ON0285 IRF540/D IRF540-D IRF540 |
27 A, 100 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100V7A TMOS Power Field Effect Transistor (N-Channel Enhancement Mode Silicon Gate100V7A TMOS功率场效应管(N沟道增强型硅门)) From old datasheet system TMOS POWER FET 27 AMPERES TMOS E-FET Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate
|
Motorola, Inc. ON Semiconductor
|
RFP10P12 RFM10P15 |
(RFP10P12 / RFP10P15) P-CHANNEL ENHANCEMENT - MODE POWER FIELD-EFFECT TRANSISTORS (RFM10P12 / RFM10P15) P-CHANNEL ENHANCEMENT - MODE POWER FIELD-EFFECT TRANSISTORS
|
GE Solid State
|
SSM3J02F |
600 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Field Effect Transistor Silicon P Channel MOS Type Power Management Switch High Speed Switching Applications TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
PTF080601F PTF080601E PTF080601A PTF080601 |
LDMOS RF Power Field Effect Transistor 60 W, 860-960 MHz LDMOS射频功率场效应晶体管60瓦,860-960兆赫 LDMOS RF Power Field Effect Transistor 60 W 860-960 MHz LDMOS RF Power Field Effect Transistor 60 W/ 860-960 MHz
|
INFINEON[Infineon Technologies AG]
|
IRFF130 IRFF131 IRFF132 IRFF133 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 7.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 8.0A. N-CHANNEL ENHANCEMENT-MODE POWER FIELD-EFFECT TRANSISTORS N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 7.0A.
|
General Electric Solid State GE Solid State
|
MTP2N80 |
Power Field Effect Transistor
|
New Jersey Semi-Conductor P...
|
MRF21125 MRF21125R3 MRF21125SR3 |
RF Power Field Effect Transistors
|
Freescale Semiconductor, Inc
|
MRF8P20160HR3 |
RF Power Field Effect Transistors
|
Motorola Semiconductor Products
|
MRF8S18210WHS MRF8S18210WGHSR3 MRF8S18210WHSR3 |
RF Power Field Effect Transistors
|
Freescale Semiconductor, Inc
|
UFT150-28 |
RF POWER FIELD-EFFECT TRANSISTOR
|
Advanced Semiconductor, Inc.
|